Part Number Hot Search : 
HCM1206A IXD1701 BYW27 FA5571 2SB852K LVXC3245 BYW27 100PC
Product Description
Full Text Search
 

To Download WFP50N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features r ds(on) = 0.022 ohm i d = 50a bv dss = 60v { { { ? { { { ? 2. drain 3. source 1. gate pb free plating product WFP50N06 pb 50a,60v heatsink planar n-channel power mosfet general description this n-channel enhancement mode field-effect power transistor using thinki semiconductor advan ced planar stripe, dmos technol- ogy intended for off-line switch mode power supply. also, especially designed to minimize rds(on) and high rugged avalanche characteristics. the to-220m-sq pkg is well suited for adaptor power units,amplifiers,inverters and smps application. to-220m-sq 1 2 3  50a, 60v, r ds(on) = 0.022 ? @v gs = 10 v  low gate charge ( typical 31 nc)  low crss ( typical 65 pf)  fast switching  100% avalanche tested  improved dv/dt capability  175 c maximum junction temperature rating absolute maximum ratings t c = 25c unless otherwise noted thermal characteristics v dss drain-source voltage 60 v i d drain current - continuous (t c = 25c) 50 a - continuous (t c = 100c) 35.4 a i dm drain current - pulsed (note 1) 200 a v gss gate-source voltage 25 v e as single pulsed avalanche energy (note 2) 490 mj i ar avalanche current (note 1) 50 a e ar repetitive avalanche energy (note 1) 12 mj dv/dt peak diode recovery dv/dt (note 3) 7.0 v/ns p d power dissipation (t c = 25c) 120 w - derate above 25c 0.8 w/c t j , t stg operating and storage temperature range -55 to +175 c t l maximum lead temperature for soldering purposes, 1/8 " from case for 5 seconds 300 c symbol parameter typ max units r jc thermal resistance, junction-to-case -- 1.24 c / w r cs thermal resistance, case-to-sink 0.5 -- c / w r ja thermal resistance, junction-to-ambient -- 62.5 c / w symbol parameter WFP50N06 units WFP50N06 ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 1/6 rev.08c
electrical characteristics t c = 25c unless otherwise noted notes: 1. repetitive rating : pulse width limited by maximum junction temperature 2. l = 230 h, i as = 50a, v dd = 25v, r g = 25 ?, starting t j = 25c 3. i sd 50a, di/dt 300a/ s, v dd bv dss, starting t j = 25c 4. pulse test : pulse width 300 s, duty cycle 2% 5. essentially independent of operating temperature symbol parameter test conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 60 -- -- v ? bv dss / ? t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25c -- 0.06 -- v/c i dss zero gate voltage drain current v ds = 60 v, v gs = 0 v -- -- 1 a v ds = 48 v, t c = 150c -- -- 10 a i gssf gate-body leakage current, forward v gs = 25 v, v ds = 0 v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -25 v, v ds = 0 v -- -- -100 na on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 2.0 -- 4.0 v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 25 a -- 0.018 0.022 ? g fs forward transconductance v ds = 25 v, i d = 25 a -- 22 -- s dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 1180 1540 pf c oss output capacitance -- 440 580 pf c rss reverse transfer capacitance -- 65 90 pf switching characteristics t d(on) turn-on delay time v dd = 30 v, i d = 25 a, r g = 25 ? -- 15 40 ns t r turn-on rise time -- 105 220 ns t d(off) turn-off delay time -- 60 130 ns t f turn-off fall time -- 65 140 ns q g total gate charge v ds = 48 v, i d = 50 a, v gs = 10 v -- 31 41 nc q gs gate-source charge -- 8 -- nc q gd gate-drain charge -- 13 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- 50 a i sm maximum pulsed drain-source diode forward current -- -- 200 a v sd drain-source diode forward voltage v gs = 0 v, i s = 50 a -- -- 1.5 v t rr reverse recovery time v gs = 0 v, i s = 50 a, di f / dt = 100 a/ s -- 52 -- ns q rr reverse recovery charge -- 75 -- nc (note 4) (note 4, 5) (note 4, 5) (note 4) ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 2/6 rev.08c WFP50N06
0 5 10 15 20 25 30 35 0 2 4 6 8 10 12 v ds = 30v v ds = 48v note : i d = 50a v gs , gate-source voltage [v] q g , total gate charge [nc] 10 -1 10 0 10 1 0 500 1000 1500 2000 2500 3000 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd notes : 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitance [pf] v ds , drain-source voltage [v] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 10 0 10 1 10 2 175 notes : 1. v gs = 0v 2. 250 s pulse test 25 i dr , reverse drain current [a] v sd , source-drain voltage [v] 0 50 100 150 200 0.00 0.01 0.02 0.03 0.04 0.05 v gs = 20v v gs = 10v not e : t j = 25 r ds(on) [ ? ], drain-source on-resistance i d , drain current [a] 246810 10 0 10 1 10 2 175 25 -55 notes : 1. v ds = 30v 2. 250 s pulse test i d , drain current [a] v gs , gate-source voltage [v] 10 -1 10 0 10 1 10 0 10 1 10 2 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.0 v 5.5 v 5.0 v bottom : 4.5 v note : 1. 250 s pulse test 2. t c = 25 i d , drain current [a] v ds , drain-source voltage [v] typical characteristics figure 5. capacitance characteristics figure 6. gate charge characteristics figure 3. on-resistance variation vs. drain current and gate voltage figure 4. body diode forward voltage variation vs. source current and temperature figure 2. transfer characteristics figure 1. on-region characteristics ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 3/6 rev.08c WFP50N06
10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 notes : 1 . z jc (t) = 1.24 /w m a x. 2 . d u t y f a c t o r , d = t 1 /t 2 3 . t jm - t c = p dm * z jc (t) sin g le p u ls e d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), therm al response t 1 , square w ave pulse duration [sec] 25 50 75 100 125 150 175 0 10 20 30 40 50 60 i d , drain current [a] t c , case temperature [ ] 10 -1 10 0 10 1 10 2 10 0 10 1 10 2 10 3 dc 10 ms 1 ms 100 s operation in this area is limited by r ds(on) not es : 1. t c = 25 o c 2. t j = 175 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 notes : 1. v gs = 10 v 2. i d = 25 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 notes : 1. v gs = 0 v 2. i d = 250 a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] typical characteristics (continued) figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 7. breakdown voltage variation vs. temperature figure 8. on-resistance variation vs. temperature figure 11. transient thermal response curve t 1 p dm t 2 ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 4/6 rev.08c WFP50N06
gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs e as =li as 2 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l i d t p e as =li as 2 ---- 2 1 e as =li as 2 ---- 2 1 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l l i d i d t p ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 5/6 rev.08c WFP50N06
peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs  dv/dt controlled by r g i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs  dv/dt controlled by r g i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period -------------------------- ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 6/6 rev.08c WFP50N06


▲Up To Search▲   

 
Price & Availability of WFP50N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X